Part Number Hot Search : 
APL5336 S2S3LB MUR60100 LM37102 00050 LM338 7022X11 RS0640
Product Description
Full Text Search
 

To Download KBPC1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  current: 10.0 a voltage range: 50 - 1000v 1 of 2 high current bridge rectifier ! ! ! ! ! ! isolated epoxy ! mil-std-202, method 208 ! polarity: symbols marked on case ! mou n ti n g: t h r ough h o le f or #10 s c r e w ! weight: kbpc 31.6 grams (approx.) ! marking: type number features mechanical data maximum ratings and electrical characteristics t a = 25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. diffused junction low reverse leakage current electrically isolated metal case for maximum heat dissipation case to terminal isolation voltage 2500v case: metal case with electrically terminals: plated leads solderable per low power loss, high efficiency kbpc 1002 kbpc 1004 kbpc 1006 kbpc 1008 kbpc 1010 maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard output current @t a =50 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage @ 5.0 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg kbpc 10005 kbpc 1001 50 100 1.1 1.0 150.0 i fsm a 10.0 i f(av) 10.0 a 100 70 35 50 - 55 ---- + 150 - 55 ---- + 125 i r characteristic symbol unit d i m e n s i on s i n i n c h e s and ( m ili m e t e r s) kb pc . 921 ( 23 . 4) . 88 2 ( 2 2 . 4) 1 . 114 ( 28 . 3) 1 . 1 30 ( 2 8 . 7) . 66 1 ( 1 6 . 8) . 648 ( 16 . 4) . 7 2 0 ( 1 8 . 3) . 705 ( 17 . 9) . 5 71 ( 1 4 . 5) . 555 ( 14 . 1) . 648 ( 16 . 4) . 66 1 ( 1 6 . 8) 1 . 1 3 0 ( 2 8 . 7) 1 . 114 ( 28 . 3) . 02 8 ( 0 . 7) . 035 ( 0 . 9) . 254 ( 6 . 45) . 24 2 ( 6 . 1 5) . 4 24 ( 1 0 . 77) . 44 2 ( 11 . 23) hole f o r no . 8 s c r ew 1 93" ( 4 . 9 ) diam diam 0 . 94 ( 2 . 4) kbpc10005-kbpc1010 www.sunmate.tw
1.0 1.2 1.4 1.6 1.8 .01 0.1 1.0 t j =25 pulse width =300us 0.6 0.8 10 2.0 100 10 04060 20 100 120 140 80 t j =25 0.1 1.0 .01 tc=100 0 2 4 05 01 0 0 t a =50 6 8 150 resistive or inductive load tc=50 10 case 0 1 100 10 8.3ms single half sine wave t j =125 30 60 90 120 150 amperes average forward output current, amperes number of cycles at 60h z ambient temperature, instantaneous forward current, peak forward surge current, fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c percent of rated peak reverse voltage amperes micro amperes fi g. 2 -- forward derati ng curve instantaneous reverse current, fi g. 1 -- peak forward surge current instantaneous forward voltage, volts 2 of 2 www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of KBPC1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X